Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFPS35N50LPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFPS35N50LPBF
Description  SMPS MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS35N50LPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFPS35N50LPBF Datasheet HTML 1Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 2Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 3Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 4Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 5Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 6Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 7Page - International Rectifier IRFPS35N50LPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFPS35N50LPbF
SMPS MOSFET
HEXFET® Power MOSFET
09/14/04
Super-247™
VDSS RDS(on) typ. Trr typ. ID
500V
0.125
Ω
170ns
34A
Features and Benefits
• SuperFast body diode eliminates the need for external
diodes in ZVS applications.
• Lower Gate charge results in simpler drive requirements.
• Enhanced dv/dt capabilities offer improved ruggedness.
• Higher Gate voltage threshold offers improved noise immunity
.
Applications
• Zero Voltage Switching SMPS
• Telecom and Server Power Supplies
• Uninterruptible Power Supplies
• Motor Control applications
• Lead-Free
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V
34
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
22
A
IDM
Pulsed Drain Current
™
140
PD @TC = 25°C Power Dissipation
450
W
Linear Derating Factor
3.6
W/°C
VGS
Gate-to-Source Voltage
±30
V
dv/dt
Peak Diode Recovery dv/dt
e
15
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting torque, 6-32 or M3 screw
1.1(10)
N•m (lbf•in)
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
–––
–––
34
MOSFET symbol
(Body Diode)
A
showing the
ISM
Pulsed Source Current
–––
–––
140
integral reverse
(Body Diode)
Ã
c
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 34A, VGS = 0V
f
trr
Reverse Recovery Time
–––
170
250
ns
TJ = 25°C, IF = 34A
–––
220
330
TJ = 125°C, di/dt = 100A/µs
f
Qrr
Reverse Recovery Charge
–––
670
1010
nC TJ = 25°C, IS = 34A, VGS = 0V
f
–––
1500 2200
TJ = 125°C, di/dt = 100A/µs
f
IRRM
Reverse Recovery Current
–––
8.5
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
PD- 95140


Similar Part No. - IRFPS35N50LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPS35N50LPBF VISHAY-IRFPS35N50LPBF Datasheet
152Kb / 8P
IRFPS35N50L
21-Jul-08
More results

Similar Description - IRFPS35N50LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF730AS IRF-IRF730AS Datasheet
162Kb / 10P
SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
SMPS MOSFET
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com