Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS58C1001DCJ-15/XT Datasheet(PDF) 6 Page - Austin Semiconductor

Part # AS58C1001DCJ-15/XT
Description  128K x 8 EEPROM EEPROM Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001DCJ-15/XT Datasheet(HTML) 6 Page - Austin Semiconductor

Back Button AS58C1001DCJ-15/XT Datasheet HTML 2Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 3Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 4Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 5Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 6Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 7Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 8Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 9Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 10Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 5.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
6
End
Of
Life
ABSOLUTE MAXIMUM RATINGS*
Voltage on Vcc Supply Relative to Vss................-0.5V to +7.0V1
Voltage on any pin Relative to Vss.......................-0.6V to +7.0V1
Storage Temperature ............................................-65
°C to +150°C
Operating Temperature Range.............................-55oC to +125oC
Soldering Temperature Range...............................................260oC
Maximum Junction Temperature**....................................+150
°C
Power Dissipation...................................................................1.0W
*Stresses greater than those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operation section of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods
may affect reliability.
** Junction temperature depends upon package type, cycle
time, loading, ambient temperature and airflow.
ELECTRICAL CHARACTERISTICS AND RECOMMENDED DC OPERATING CONDITIONS
(-55oC < T
A < 125
oC; Vcc = 5V +10%)
PARAMETER
CONDITION
SYMBOL
MIN
MAX
UNITS
NOTES
Input High (Logic 1) Voltage
VIH
2.2
VCC + 0.3V
V9
Input Low (Logic 0) Voltage
3
VIL
-0.3
0.8
V
2
Input Voltage (RES\ Pin)
VH
Vcc-0.5
VCC +1.0
V
Input Leakage Current
4
OV < VIN < Vcc
ILI
-2
2
µΑ
4
Output Leakage Current
Output(s) disabled, OV < VOUT < Vcc
ILO
-2
2
µΑ
Output High Voltage
IOH = -400 µA
VOH
2.4
V
Output Low Voltage
IOL = 2.1 mA
VOL
0.4
V
CONDITIONS
SYM
-15
-20
-25
UNITS NOTES
IOUT=OmA, Vcc = 5.5V
Cycle=1
µS, Duty=100%
20
20
20
IOUT=OmA, Vcc = 5.5V
Cycle=MIN, Duty=100%
65
55
50
CE\=Vcc, Vcc = 5.5V
ICC1
350
350
350
µA
CE\=VIH, Vcc = 5.5V
ICC2
333
mA
PARAMETER
MAX
Power Supply Current:
Operating
Power Supply Current:
Standby
ICC3
mA
CAPACITANCE
PARAMETER
CONDITIONS
SYMBOL
MAX
UNITS
NOTES
Input Capacitance
CIN
6pF
Output Capactiance
Co
12
pF
TA = 25
oC, f = 1MHz
VIN = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com