Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS58C1001DCJ-15/XT Datasheet(PDF) 17 Page - Austin Semiconductor

Part # AS58C1001DCJ-15/XT
Description  128K x 8 EEPROM EEPROM Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001DCJ-15/XT Datasheet(HTML) 17 Page - Austin Semiconductor

Back Button AS58C1001DCJ-15/XT Datasheet HTML 13Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 14Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 15Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 16Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 17Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 18Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 19Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 20Page - Austin Semiconductor AS58C1001DCJ-15/XT Datasheet HTML 21Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 5.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
17
End
Of
Life
ASI Case #305 (Package Designator SF)
SMD 5962-38267, Case Outline N
MIN
MAX
A
0.125
0.150
A1
0.090
0.110
b
0.015
0.019
c
0.003
0.007
D
0.810
0.830
D1
0.775
0.785
D2
0.745
0.755
E
0.425
0.445
E1
0.290
0.310
e
0.045
0.055
H
1.000
1.100
L
0.290
0.310
Q
0.026
0.037
SYMBOL
SMD SPECIFICATIONS
MECHANICAL DEFINITIONS*
*All measurements are in inches.
D
E
L
e
b
Top View
H
D1
D2
A1
c
E1
A
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com