Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS58C1001DCJ-20/XT Datasheet(PDF) 7 Page - Austin Semiconductor

Part # AS58C1001DCJ-20/XT
Description  128K x 8 EEPROM EEPROM Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001DCJ-20/XT Datasheet(HTML) 7 Page - Austin Semiconductor

Back Button AS58C1001DCJ-20/XT Datasheet HTML 3Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 4Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 5Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 6Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 7Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 8Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 9Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 10Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 11Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 5.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
7
End
Of
Life
AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION
(-55oC < T
C < 125
oC; Vcc = 5V +10%)
Test Conditions
! Input Pulse Levels:
0.0V to 3.0V
! Input rise and fall times:
< 20ns
! Output Load:
1 TTL Gate +100pF (including scope and jig)
! Reference levels for measuring timing:
1.5V,1.5V
     
  
  








   
  








   
 








 ! !  "
  








 








  


#

#

#

$ % !  &'
  








  
 & ! ")


  



AC ELECTRICAL CHARACTERISTICS FOR SOFTWARE DATA
PROTECTION CYCLE OPERATION
AC ELECTRICAL CHARACTERISTICS FOR DATA\ POLLING OPERATION
SYMBOL
MIN
MAX
UNITS
tBLC
0.55
30
µS
tWC
10
---
mS
Byte Load Cycle Time
Write Cycle Time
PARAMETER
SYMBOL
MIN
MAX
UNITS
tOEH
0
---
ns
tOES
0
---
ns
tDW
150
---
ns
tWC
---
10
ms
Output Enable Hold Time
Output Enable to Write Setup Time
Write Start Time
Write Cycle Time
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com