Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS58C1001DCJ-20/XT Datasheet(PDF) 16 Page - Austin Semiconductor

Part # AS58C1001DCJ-20/XT
Description  128K x 8 EEPROM EEPROM Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS58C1001DCJ-20/XT Datasheet(HTML) 16 Page - Austin Semiconductor

Back Button AS58C1001DCJ-20/XT Datasheet HTML 12Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 13Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 14Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 15Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 16Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 17Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 18Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 19Page - Austin Semiconductor AS58C1001DCJ-20/XT Datasheet HTML 20Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
EEPROM
EEPROM
EEPROM
EEPROM
EEPROM
AS58C1001
Austin Semiconductor, Inc.
AS58C1001
Rev. 5.0 7/02
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
16
End
Of
Life
ASI Case #208 (Package Designator ECA)
SMD 5962-38267, Case Outline U
MIN
MAX
A
0.060
0.120
A1
0.050
0.088
B1
0.022
0.028
B2
D
0.442
0.458
D1
D2
D3
---
0.458
E
0.540
0.560
E1
E2
E3
---
0.558
e
h
L
0.045
0.055
L1
0.075
0.095
SYMBOL
SMD SPECIFICATIONS
0.072 REF
0.300 BSC
0.150 BSC
0.040 REF
0.050 BSC
0.200 BSC
0.400 BSC
D
E
E3
hx45o
A
A1
D3
MECHANICAL DEFINITIONS*
*All measurements are in inches.
E1
L1
B1
D1
L
e
B2
E2
D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com