Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBLFLP71.32 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # KRTBLFLP71.32
Description  This device is especially designed for full color video walls.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBLFLP71.32 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button KRTBLFLP71.32 Datasheet HTML 15Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 16Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 17Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 18Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 19Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 20Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 21Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 22Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
KRTB LFLP71.32
19 Version 1.1 | 2021-12-06
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; ● red
10-6 10-5 10-4 10-3 0.01 0.11
10
Pulsetime /s
0.02
0.03
0.04
0.05
IF /A
TS =0°C ... 85°C
KRTB LFLP71.32
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; ● true green
10-6 10-5 10-4 10-3 0.01 0.11
10
Pulsetime /s
0.02
0.03
0.04
0.05
IF /A
TS =0°C ... 85°C
KRTB LFLP71.32
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; ● blue
10-6 10-5 10-4 10-3 0.01 0.11
10
Pulsetime /s
0.02
0.03
0.04
0.05
IF /A
TS =0°C ... 85°C
KRTB LFLP71.32
:D =1.0
:D =0.5
:D =0.2
:D =0.1
:D =0.05
:D =0.02
:D =0.01
:D =0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com