Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTBLFLP71.32 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # KRTBLFLP71.32
Description  This device is especially designed for full color video walls.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KRTBLFLP71.32 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button KRTBLFLP71.32 Datasheet HTML 21Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 22Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 23Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 24Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 25Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 26Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 27Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 28Page - OSRAM GmbH KRTBLFLP71.32 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
KRTB LFLP71.32
25 Version 1.1 | 2021-12-06
Tape and Reel 9)
Reel Dimensions
A
W
N
min
W
1
W
2 max
Pieces per PU
355.6 mm
8 + 0.3 / - 0.1 mm
79.3 mm
8.7 + 0.3 mm
14.4 mm
8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com