Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF2 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # KF2
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KF2 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button KF2 Datasheet HTML 19Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 20Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 21Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 22Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 23Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 24Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 25Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 26Page - List of Unclassifed Manufacturers KF2 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
©NEC Electronics Corporation 2004
78K0/KF2
ZUD-CC-04-0129-E
Data Published Oct 2004 N CP(K)
3-wire serial I/O mode with automatic transmit/receive function:
STB0
SCKA0
SIA0
SOA0
D2
D1
D0
D2
D1
D0
D7
D7
tSIK3, 4
tKSI3, 4
tKSO3, 4
tKH3, 4
tF4
tR4
tKL3, 4
tKCY3, 4
tSBD
tSBW
3-wire serial I/O mode with automatic transmit/receive function (busy processing):
tBYH
tSPS
tBYS
78
9
Note
10
Note
10+n
Note
1
SCKA0
BUSY0
(active-high)
Note The signal is not actually driven low here; it is shown as such to indicate the timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com