Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2131TF Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 19Page - NXP Semiconductors PCF2131TF Datasheet HTML 20Page - NXP Semiconductors PCF2131TF Datasheet HTML 21Page - NXP Semiconductors PCF2131TF Datasheet HTML 22Page - NXP Semiconductors PCF2131TF Datasheet HTML 23Page - NXP Semiconductors PCF2131TF Datasheet HTML 24Page - NXP Semiconductors PCF2131TF Datasheet HTML 25Page - NXP Semiconductors PCF2131TF Datasheet HTML 26Page - NXP Semiconductors PCF2131TF Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
depending on temperature and supply voltage. Whenever an internal reset occurs, the oscillator stop flag is set
(OSF set logic 1).
The OTP refresh (see Section 7.3.2) should ideally be executed as the first instruction after start-up and also
after a reset due to an oscillator stop.
aaa-015298
chip in reset
chip not in reset
chip fully operative
t
VDD
oscillation
internal
reset
OTPR
CLKOUT
available
Figure 9. Dependency between POR and oscillator
After POR, the following mode is entered:
• 32.768 kHz CLKOUT active
• Power-On Reset Override (PORO) available to be set
• 24-hour mode is selected
• Battery switch-over function disabled, only one power supply (VDD)
• Temperature compensation enabled
• 100th second enabled
• Time 00:00:00.00
• Date 2001.01.01
• Weekday Monday
The register values after power-on are shown in Table 4.
7.7.2 Power-On Reset Override (PORO)
The POR duration is directly related to the crystal oscillator start-up time. Due to the long start-up times
experienced by these types of circuits, a mechanism has been built in to disable the POR and therefore speed
up the on-board test of the device.
001aaj324
OSCILLATOR
0 = override inactive
1 = override active
0 = clear override mode
1 = override possible
POR_OVRD
SDA/CE
SCL
RESET
OVERRIDE
CLEAR
osc stopped
0 = stopped, 1 = running
reset
Figure 10. Power-On Reset (POR) system
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
23 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com