Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF2131TF Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF2131TF
Description  Nano-power highly accurate RTC with integrated quartz crystal
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2131TF Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF2131TF Datasheet HTML 21Page - NXP Semiconductors PCF2131TF Datasheet HTML 22Page - NXP Semiconductors PCF2131TF Datasheet HTML 23Page - NXP Semiconductors PCF2131TF Datasheet HTML 24Page - NXP Semiconductors PCF2131TF Datasheet HTML 25Page - NXP Semiconductors PCF2131TF Datasheet HTML 26Page - NXP Semiconductors PCF2131TF Datasheet HTML 27Page - NXP Semiconductors PCF2131TF Datasheet HTML 28Page - NXP Semiconductors PCF2131TF Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
NXP Semiconductors
PCF2131
Nano-power highly accurate RTC with integrated quartz crystal
• 100th second enabled
• Time 00:00:00.00
• Date 2001.01.01
• Weekday Monday
s
1
0
1
0
0
1 1
0
A 0
0
0
0
0
1
0
1
A 0 0
1
0
1
1
0
0
A P/S
SDA
SCL
slave address
address 05h
software reset 2Ch
R/W
aaa-042191
internal
reset signal
Figure 12. Software reset command
7.8.2 CPR: clear prescaler
To set the time for RTC mode, the clear prescaler instruction is needed.
Before sending this instruction, it is mandatory to first set stop by the STOP bit.
See STOP definition for an explanation on using this instruction.
7.8.3 CTS: clear timestamp
The timestamp registers (address 14h to 2Fh) can be set to all 0 with this instruction.
7.9 Time and date function
Most of these registers are coded in the Binary Coded Decimal (BCD) format.
7.9.1 Register 100th Seconds
Bit
7
6
5
4
3
2
1
0
Symbol
100TH SECONDS (0 to 99)
Reset
value
0
0
0
0
0
0
0
0
Table 25. 100th Seconds - 100th seconds (address 06h) bit allocation
Bit
Symbol
Value
Place value Description
7 to 4
0 to 9
ten’s place
3 to 0
100TH SECONDS
0 to 9
unit place
actual seconds coded in BCD format
Table 26. 100th Seconds - 100th seconds register (address 06h) bit description
PCF2131
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 2.0 — 5 October 2023
25 / 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com