Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F124CR1QB Datasheet(PDF) 29 Page - STMicroelectronics

Part # ST92F124CR1QB
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
PDF  429 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124CR1QB Datasheet(HTML) 29 Page - STMicroelectronics

Back Button ST92F124CR1QB Datasheet HTML 25Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 26Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 27Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 28Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 29Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 30Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 31Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 32Page - STMicroelectronics ST92F124CR1QB Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 429 page
background image
29/429
ST92F124/F150/F250 - GENERAL DESCRIPTION
Note1: The ST92F150-EMU2 emulator does not
emulate ADC channels from AIN0 to AIN7 and ex-
tended function timers because they are not imple-
mented on the emulator chip. See also Section
13.8 on page 423.
Note 2: Available on some devices only.
Note 3: For the ST92F250 device, since A[18:17]
share the same pins as SDA1 and SCL1 of I²C_1,
these address bits are not available when the
I²C_1 is in use (when I2CCR.PE bit is set).
P8.0
-
74
71
AIN0
I
Analog Data Input 0
WKUP14
I
Wake-up Line 14
P8.1
-
75
72
AIN1
I
Analog Data Input 1
WKUP15
I
Wake-up Line 15
P8.2
-
76
73
AIN2
I
Analog Data Input 2
P8.3
-
77
74
AIN3
I
Analog Data Input 3
P8.4
-
78
75
AIN4
I
Analog Data Input 4
P8.5
-
79
76
AIN5
I
Analog Data Input 5
P8.6
-
80
77
AIN6
I
Analog Data Input 6
P8.7
-
81
78
AIN7
I
Analog Data Input 7
P9.0
-
98
95
RDI2)
I
SCI-A Receive Data Input
P9.1
-
99
96
TDO2)
O
SCI-A Transmit Data Output
P9.2
-
100
97
A16
O
Address bit 16
P9.3
-
1
98
A17 3)
O
Address bit 17
SDA12)
I/O I²C 1 Data
P9.4
-
2
99
A18 3)
O
Address bit 18
SCL12)
I/O I²C 1 Clock
P9.5
-
3
100
A19
O
Address bit 19
P9.6
-
4
1
A20
O
Address bit 20
P9.7
-
5
2
A21
O
Address bit 21
Port
Name
Pin No.
Alternate Functions
LQFP64 PQFP100 LQFP100
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com