Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8548 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8548 Datasheet HTML 1Page - NXP Semiconductors PCF8548 Datasheet HTML 2Page - NXP Semiconductors PCF8548 Datasheet HTML 3Page - NXP Semiconductors PCF8548 Datasheet HTML 4Page - NXP Semiconductors PCF8548 Datasheet HTML 5Page - NXP Semiconductors PCF8548 Datasheet HTML 6Page - NXP Semiconductors PCF8548 Datasheet HTML 7Page - NXP Semiconductors PCF8548 Datasheet HTML 8Page - NXP Semiconductors PCF8548 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
1999 Aug 16
5
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
7
PIN FUNCTIONS
7.1
R0 to R64: row driver outputs
These pads output the row signals.
7.2
C0 to C101: column driver outputs
These pads output the column signals.
7.3
VSS1 and VSS2: negative power supply rails
VSS2 is related to VDD2 and VDD3 and VSS1 is related to
VDD1.
7.4
VDD1 to VDD3: positive power supply rails
VDD2 and VDD3 are the supply voltages for the internal
voltage generator. Both have to be at the same voltage
and must be connected together outside of the chip. If the
internal voltage generator is not used, they should both be
connected to power or to the VDD1 pad.
VDD1 is used as the power supply for the rest of the chip.
This voltage can be a different voltage than VDD2 and
VDD3.
7.5
VLCDIN: LCD power supply
Internally generated positive power supply for the liquid
crystal display. An external LCD supply voltage can be
supplied using the VLCDIN pad. In this case, VLCDOUT has
to be connected to ground, and the internal voltage
generator has to be programmed to zero. If the PCF8548
is in power-down mode, the external LCD supply voltage
must be switched off.
7.6
VLCDOUT: LCD power supply
Positive power supply for the liquid crystal display. If the
internal voltage generator is used, the two supply rails
VLCDIN and VLCDOUT must be connected together and an
external capacitor must be connected (see Fig.19).
7.7
VLCDSENSE: voltage multiplier regulation input
(VLCD)
VLCDSENSE is the input voltage for the internal voltage
multiplier regulation.
If the internal voltage generator is used then VLCDSENSE
must be connected to VLCDOUT. If an external supply
voltage is used then VLCDSENSE must be connected to
ground.
7.8
T1 to T12: test pads
T1 and T3 to T7 must be connected to VSS1. T8 must be
connected to VDD1. T2 and T9 to T12 must be left
open-circuit; not accessible to user.
7.9
SDAIN and SDAOUT: I2C-bus data lines
Serial data and acknowledge lines for the I2C-bus.
By connecting SDAIN to SDAOUT, the SDA line becomes
fully I2C-bus compatible. Having the acknowledge output
(SDAOUT) separated from the serial data line is
advantageous in Chip-On-Glass (COG) applications.
In COG applications where the track resistance from the
SDAOUT pad to the system SDA line can be significant, a
potential divider is generated by the bus pull-up resistor
and the Indium Tin Oxide (ITO) track resistance. It is
possible that during the acknowledge cycle the PCF8548
will not be able to create a valid logic 0 level. By splitting
the SDA input from the output the device could be used in
a mode that ignores the acknowledge bit. In COG
applications where the acknowledge cycle is required, it is
necessary to minimize the track resistance from the
SDACK pad to the system SDA line to guarantee a valid
LOW level.
7.10
SCL: I2C-bus clock signal
I2C-bus serial clock signal input.
7.11
SA0: slave address
Two different slave addresses can be selected using the
SA0 pad. This allows two PCF8548 LCD drivers to be
connected to the same I2C-bus.
7.12
OSC: oscillator
When the on-chip oscillator is used this input must be
connected to VDD1. An external clock signal, if used, is
connected to this input.
7.13
RES: reset
This signal is used to reset the device. The signal is active
LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com