Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8548 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8548
Description  65 x 102 pixels matrix LCD driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8548 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8548 Datasheet HTML 16Page - NXP Semiconductors PCF8548 Datasheet HTML 17Page - NXP Semiconductors PCF8548 Datasheet HTML 18Page - NXP Semiconductors PCF8548 Datasheet HTML 19Page - NXP Semiconductors PCF8548 Datasheet HTML 20Page - NXP Semiconductors PCF8548 Datasheet HTML 21Page - NXP Semiconductors PCF8548 Datasheet HTML 22Page - NXP Semiconductors PCF8548 Datasheet HTML 23Page - NXP Semiconductors PCF8548 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
1999 Aug 16
20
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8548
Table 4
Programming the required bias system
BS[2]
BS[1]
BS[0]
n
RECOMMENDED MUX RATE
0007
1 : 100
0016
1 : 81
0105
1 : 64
0114
1 : 49
1003
1 : 36
1012
1 : 24
1101
1 : 16
1110
1 : 9
Table 5
LCD bias voltage
12.10 Set VOP value
The voltage at reference temperature can be calculated
as: [VLCD (T = Tcut)]
(1)
The operating voltage VLCD can be set by software.
The generated voltage is dependent on the temperature,
programmed Temperature Coefficient (TC) and the
programmed voltage at reference temperature (Tcut).
(2)
SYMBOL
BIAS VOLTAGES
BIAS VOLTAGES
FOR 1
9 BIAS
V1
VLCD
VLCD
V2
(n + 3)/(n + 4)
8
9 × VLCD
V3
(n + 2)/(n + 4)
7
9 × VLCD
V4
2/(n + 4)
2
9 × VLCD
V5
1/(n + 4)
1
9 × VLCD
V6
VSS
VSS
V
LCD
Tcut
()
aV
OP
b
×
+
()
=
V
LCD
aV
OP
b
×
+
()
1T
T
cut
() TC
×
+
[]
×
=
The parameters are explained in Fig.16 and Table 6.
The maximum voltage that can be generated is dependent
on the VDD2 voltage and the display load current.
Two overlapping VLCD ranges are selectable via the
command ‘HV-gen control’. For the LOW (PRS = 0) range
a=a1 and for the HIGH (PRS = 1) range a = a2 with steps
equal to b in both ranges. It should be noted that the
charge pump is turned off if VOP[6;0] and bit PRS are all set
to zero. For Mux 1 : 65 the optimum operation voltage of
the liquid can be calculated as follows:
where Vth is the threshold voltage of the liquid crystal
material used.
V
LCD
165
+
21
1
65
----------


×
---------------------------------------
V
th
6.85
V
th
×
=
×
=
Table 6
Typical values for parameters for the HV-generator programming
SYMBOL
BITS
VALUE
UNIT
a1
2.94 (PRS = 0)
V
a2
6.75 (PRS = 1)
V
b
0.03
V
Tcut
27
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com