Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT24C01B Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT24C01B
Description  Two-wire Serial EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C01B Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT24C01B Datasheet HTML 13Page - ATMEL Corporation AT24C01B Datasheet HTML 14Page - ATMEL Corporation AT24C01B Datasheet HTML 15Page - ATMEL Corporation AT24C01B Datasheet HTML 16Page - ATMEL Corporation AT24C01B Datasheet HTML 17Page - ATMEL Corporation AT24C01B Datasheet HTML 18Page - ATMEL Corporation AT24C01B Datasheet HTML 19Page - ATMEL Corporation AT24C01B Datasheet HTML 20Page - ATMEL Corporation AT24C01B Datasheet HTML 21Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
AT24C01B [Preliminary]
5156B–SEEPR–5/06
5TS1 – SOT23
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
PO5TS1
A
6/25/03
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
5TS1, 5-lead, 1.60 mm Body, Plastic Thin Shrink
Small Outline Package (SHRINK SOT)
A
–
–
1.10
A1
0.00
–
0.10
A2
0.70
0.90
1.00
c
0.08
–
0.20
4
D
2.90 BSC
2, 3
E
2.80 BSC
2, 3
E1
1.60 BSC
2, 3
L1
0.60 REF
e
0.95 BSC
e1
1.90 BSC
b
0.30
–
0.50
4, 5
NOTES: 1. This drawing is for general information only. Refer to JEDEC Drawing
MO-193, Variation AB, for additional information.
2. Dimension D does not include mold flash, protrusions, or gate burrs.
Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm per end.
Dimension E1 does not include interlead flash or protrusion. Interlead
flash or protrusion shall not exceed 0.15 mm per side.
3. The package top may be smaller than the package bottom. Dimensions
D and E1 are determined at the outermost extremes of the plastic body
exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but
including any mismatch between the top and bottom of the plastic body.
4. These dimensions apply to the flat section of the lead between 0.08 mm
and 0.15 mm from the lead tip.
5. Dimension "b" does not include Dambar protrusion. Allowable Dambar
protrusion shall be 0.08 mm total in excess of the "b" dimension at
maximum material condition. The Dambar cannot be located on the lower
radius of the foot. Minimum space between protrusion and an adjacent lead
shall not be less than 0.07 mm.
5
4
2
L1
L
C
End View
C
A
A2
A1
b
e
Seating
Plane
D
Side View
e1
E1
3
1
Top View
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com