Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMA0ES Datasheet(PDF) 10 Page - NXP Semiconductors

Part # MFS2401AVMA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMA0ES Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button MFS2401AVMA0ES Datasheet HTML 6Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 7Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 8Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 9Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 10Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 11Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 12Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 13Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
NXP Semiconductors
FS2400_SDS
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
5 Limiting values
Minimum and maximum ratings
TA = -40 °C to 115 °C, unless otherwise specified. VSUP = 5.5 V to 40 V, unless otherwise specified. VDDIO = 1.8 V to 5 V, unless
otherwise specified. All voltages referenced to ground, unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Symbol
Description (Rating)
Min
Max
Unit
Voltage ratings
WAKE2/HID0, WAKE3/HID1, LIMP0, HVIO1
Global pins
-0.3
40
V
V1_IN, VSUP, V3_IN
Global supply input pins
-1
40
V
CANH, CANL
Global communication pins
-33
40
V
BOOT
High-voltage pin/local pin
-0.3
45
V
V1_SW, VMON_EXT
High-voltage pins/local pins
-0.3
40
V
DEBUG
Debug pin to enter in Debug mode;
should be grounded in the application
-0.3
10
V
V1,V3, VCC5CAN
Local pins
-0.3
5.6
V
VDDIO, VBOS, AMUX
Local pins
-0.3
5.5
V
CANRXD, CANTXD, MISO,
MOSI, SCK, CSB, RSTB, INTB
Local pins
-0.3
VDDIO
+ 0.3
V
VDIG
Local pin
-0.3
2
V
GND_IO, PGND, GNDCAN
Ground pins
-0.3
0.3
V
Table 3. Limiting values
FS2400_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 1 — 30 January 2024
10 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com