Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MFS2401AVMA0ES Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MFS2401AVMA0ES
Description  Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS2401AVMA0ES Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MFS2401AVMA0ES Datasheet HTML 7Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 8Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 9Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 10Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 11Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 12Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 13Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 14Page - NXP Semiconductors MFS2401AVMA0ES Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
NXP Semiconductors
FS2400_SDS
Fail-safe system basis chip with SMPS and LDO, CAN FD transceiver
6 Package outline
FS24 package is a QFN, thermally enhanced, wettable flanks, 5 mm x 5 mm x 0.85 mm, 0.5 mm pitch, 32 pins.
Figure 6. Top and bottom view
FS2400_SDS
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product short data sheet
Rev. 1 — 30 January 2024
11 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com