Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMD2772 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 22Page - OSRAM GmbH TMD2772 Datasheet HTML 23Page - OSRAM GmbH TMD2772 Datasheet HTML 24Page - OSRAM GmbH TMD2772 Datasheet HTML 25Page - OSRAM GmbH TMD2772 Datasheet HTML 26Page - OSRAM GmbH TMD2772 Datasheet HTML 27Page - OSRAM GmbH TMD2772 Datasheet HTML 28Page - OSRAM GmbH TMD2772 Datasheet HTML 29Page - OSRAM GmbH TMD2772 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
ams Datasheet
Page 25
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Principles of Operation
Power Management
Power consumption can be managed with the Wait state,
because the Wait state typically consumes only 90μA of IDD
current. An example of the power management feature is given
below. With the assumptions provided in the example, average
IDD is estimated to be 176μA.
Figure 28:
Power Management
Note(s):
1. Prox Accum − LED On time = 7.3 μs per pulse × 4 pulses = 29.3μs = 0.029 ms
2. Prox Accum − LED Off time = 8.7 μs per pulse × 4 pulses = 34.7μs = 0.035 ms
System State
Machine State
Programmable
Parameter
Programmed
Value
Duration
Typical
Current
Prox Init
2.73 ms
0.195 mA
Prox Accum
PPULSE
0x04
0.064 ms
Prox Accum − LED On
0.029 ms (1)
103 mA
Prox Accum − LED OFF
0.035 ms (2)
0.195 mA
Prox Wait
2.73 ms
0.195 mA
Prox ADC
PTIME
0xFF
2.73 ms
0.195 mA
Wait
WTIME
0xEE
49 2 ms
0 090 mA
WLONG
ALS Init
2.73 ms
0.195 mA
ALS ADC
ATIME
0xEE
49 2 ms
0.195 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com