Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMD2772 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TMD2772
Description  Digital ALS and Proximity Module
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD2772 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TMD2772 Datasheet HTML 38Page - OSRAM GmbH TMD2772 Datasheet HTML 39Page - OSRAM GmbH TMD2772 Datasheet HTML 40Page - OSRAM GmbH TMD2772 Datasheet HTML 41Page - OSRAM GmbH TMD2772 Datasheet HTML 42Page - OSRAM GmbH TMD2772 Datasheet HTML 43Page - OSRAM GmbH TMD2772 Datasheet HTML 44Page - OSRAM GmbH TMD2772 Datasheet HTML 45Page - OSRAM GmbH TMD2772 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
ams Datasheet
Page 41
[v1-21] 2016-Feb-16
Document Feedback
TMD2772/ TMD2772WA − Register Description
Status Register (0x13)
The Status Register provides the internal status of the device.
This register is read only.
Figure 45:
Status Register
ADC Channel Data Registers (0x14 − 0x17)
ALS data is stored as two 16-bit values. To ensure the data is
read correctly, a two-byte read I²C transaction should be used
with auto increment protocol bits set in the command register.
With this operation, when the lower byte register is read, the
upper eight bits are stored in a shadow register, which is read
by a subsequent read to the upper byte. The upper register will
read the correct value even if additional ADC integration cycles
end between the reading of the lower and upper registers.
Figure 46:
ADC Channel Data Registers
7
6
543
2
1
0
Reserved
PSAT
PINT
AINT
Reserved
PVALID
AVALID
Field
Bits
Description (Reset value = 0x00)
Reserved
7
Reserved. Bit reads as 0.
PSAT
6
Proximity Saturation. Indicates the proximity measurement saturated.
PINT
5
Proximity Interrupt. Indicates that the device is asserting a proximity
interrupt.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS interrupt.
Reserved
3:2
Reserved. Bits read as 0.
PVALID
1
Proximity Valid. Indicates that the Proximity channel has completed
an integration cycle after the PEN bit has been asserted.
AVALID
0
ALS Valid. Indicates that the ALS channels have completed an
integration cycle after AEN has been asserted.
Register
Address
Bits
Description (Reset value = 0x00)
C0DATA
0x14
7:0
ALS CH0 data low byte
C0DATAH
0x15
7:0
ALS CH0 data high byte
C1DATA
0x16
7:0
ALS CH1 data low byte
C1DATAH
0x17
7:0
ALS CH1 data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com