Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMF8805 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 3Page - OSRAM GmbH TMF8805 Datasheet HTML 4Page - OSRAM GmbH TMF8805 Datasheet HTML 5Page - OSRAM GmbH TMF8805 Datasheet HTML 6Page - OSRAM GmbH TMF8805 Datasheet HTML 7Page - OSRAM GmbH TMF8805 Datasheet HTML 8Page - OSRAM GmbH TMF8805 Datasheet HTML 9Page - OSRAM GmbH TMF8805 Datasheet HTML 10Page - OSRAM GmbH TMF8805 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
TMF8805
Ordering information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
7 / 74
/
Pin number
Pin name
Signal
type
Description
9
EN
Input
Enable input active high; setting to low forces the device
into shutdown and all memory content is lost; connect the
EN pin to a host GPIO to control the hardware reset
function of TMF8805. If this functionality is not needed,
connect to VDD.
10
GPIO1
I/O
General purpose input/output; default output low; leave
open if not used
11
GNDV
Ground
VCSEL ground; connect all ground pins together
12
VDDV
Supply
VCSEL supply voltage (3 V); add a capacitor
GRM155R70J104KA01 (0402 X7R 0.1 µF 6.3 V) to GND
(1) SDA, SCL, INT and EN have no diode to any VDD supply. Therefore, even with VDD=0 V they do not block the interrupt line
or I²C bus.
(2) GPIO0 and GPIO1 are push/pull output and have a diode to VDD; therefore if VDD is not powered, GPIO0 and GPIO1 should
not be driven from outside.
2
Ordering information
Ordering code
Package
Marking
Delivery form
Delivery quantity
TMF8805-1BM
Optical module
5-digit tracecode (coded)
Tape & reel
(7″ reels)
500 pcs/reel
TMF8805-1B
Optical module
5-digit tracecode (coded)
Tape & reel
(13″ reels)
5000 pcs/reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com