Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMF8805 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 4Page - OSRAM GmbH TMF8805 Datasheet HTML 5Page - OSRAM GmbH TMF8805 Datasheet HTML 6Page - OSRAM GmbH TMF8805 Datasheet HTML 7Page - OSRAM GmbH TMF8805 Datasheet HTML 8Page - OSRAM GmbH TMF8805 Datasheet HTML 9Page - OSRAM GmbH TMF8805 Datasheet HTML 10Page - OSRAM GmbH TMF8805 Datasheet HTML 11Page - OSRAM GmbH TMF8805 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
TMF8805
Absolute maximum ratings
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
8 / 74
/
3
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. Functional operation of the device at absolute maximum rating
conditions is not implied, nor at any other conditions beyond
those indicated under “Operating
Conditions”.
Table 3: Absolute maximum ratings of TMF8805
Symbol
Parameter
Min
Max
Unit
Comment
Electrical parameters
VDDC, VDDV,
VDD
3 V supply voltage
-0.3
3.6
V
Connect pins VDDC, VDDV,
VDD on PCB with very short
connections
GNDV, GNDC,
GND
Ground
0.0
0.0
V
Connect all GND pins on PCB
with very short connections
GPIO0, GPIO1
Digital I/O terminal
voltage
-0.3
VDD + 0.3 V
max. 3.6 V
V
Protection diode to VDD
INT, SCL,
SDA, EN
Digital I/O terminal
voltage
-0.3
3.6
V
No protection diodes to any
positive supply only to ground
I_SCR
Latch up immunity
± 100
mA
JEDEC JESD78E
Electrostatic discharge
ESDHBM
Electrostatic
discharge HBM
± 2000
V
JEDEC JS-001-2017
ESDCDM
Electrostatic
discharge CDM
± 500
V
JEDEC JS-002-2018
Temperature ranges and storage conditions
TSTRG
Storage temperature
range
-40
85
°C
TBODY
Package body
temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative humidity
(non-condensing)
85
%
MSL
Moisture sensitivity
level
3
Represents a maximum floor life
time of 168h with TAMB < 30 °C
and < 60% r.h.
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-
020 “Moisture/Reflow
Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com