| Electronic Components Datasheet Search |
|
SL2S3003TTFUD Datasheet(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003TTFUD Datasheet(HTML) 35 Page - NXP Semiconductors |
|
35 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.2.3 LOCK BLOCK As defined in ISO/IEC 15693-3. Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. If the addressed block is part of a write protected page, or if the block is protected with the read password only (see Section 8.5.3.6 "PROTECT PAGE"), and the password has not been transmitted first with the SET PASSWORD command, the label responds according to the error handling (see Section 8.6 "Error handling"). Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to Section 8.5.3.25 "24-bit counter". The ICODE 3 supports the option to lock larger sections of the user memory with the settings in the configuration memory block 21 (see Table 9). The Lock Pointer LP_PNTR defines the block from which the user memory is divided into two pages (Page L and Page H). The lock conditions for the two pages L and H are defined with the settings defined in the LP_CTR byte (see Table 14). 8.5.2.4 READ MULTIPLE BLOCKS As defined in ISO/IEC 15693-3. Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. If one of the addressed blocks is part of a page protected with the Read-Password, and if the password has not been transmitted first with the SET PASSWORD command, the label responds according to the error handling (see Section 8.6 "Error handling"). Note: Block 75 of the user memory is used for the 24-bit counter feature and must be used differently. Refer to Section 8.5.3.25 "24-bit counter". 8.5.2.5 SELECT As defined in ISO/IEC 15693-3. 8.5.2.6 RESET TO READY As defined in ISO/IEC 15693-3. Note: RESET TO READY also resets the label IC from the persistent quiet state to the READY state. Refer to Section 8.5.3.10 "INVENTORY READ" and Section 8.5.3.19 "STAY QUIET PERSISTENT". 8.5.2.7 WRITE AFI As defined in ISO/IEC 15693-3. Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. Note: The command can be password protected. Refer to Section 8.5.3.16 "PASSWORD PROTECT EAS/ AFI". Note: You can use also the WRITE CONFIG command to block 17 of the configuration memory to write the AFI. Refer to Table 9. SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 35 / 82 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |