Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8322 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 20Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 21Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 22Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 23Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 24Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 136 page
background image
56F8322 Techncial Data, Rev. 16
22
Freescale Semiconductor
Preliminary
INDEX0
(TA2)
(GPIOB5)
(SYS_CLK)
36
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Index — Quadrature Decoder 0, INDEX input
TA2 — Timer A, Channel 2
Port B GPIO — This GPIO pin can be individually programmed as an
input or output pin.
Clock Output - can be used to monitor the internal SYS_CLK signal
(see Section 6.5.7 CLKO Select Register, SIM_CLKOSR).
In the 56F8322, the default state after reset is INDEX0.
In the 56F8122, the default state is not one of the functions offered
and must be reconfigured.
HOME0
(TA3)
(GPIOB4)
(prescaler_
clock)
35
Schmitt
Input
Schmitt
Input/
Output
Schmitt
Input/
Output
Output
Input,
pull-up
enabled
Home — Quadrature Decoder 0, HOME input
TA3 — Timer A, Channel 3
Port B GPIO — This GPIO pin can be individually programmed as an
input or output pin.
Clock Output - can be used to monitor the internal prescaler_clock
signal (see Section 6.5.7 CLKO Select Register, SIM_CLKOSR).
In the 56F8322, the default state after reset is HOME0.
In the 56F8122, the default state is not one of the functions offered
and must be reconfigured.
SCLK0
(GPIOB3)
19
Schmitt
Input/
Output
Schmitt
Input/
Output
Tri-Input,
pull-up
enabled
SPI 0 Serial Clock — In the master mode, this pin serves as an
output, clocking slaved listeners. In slave mode, this pin serves as the
data clock input. A Schmitt trigger input is used for noise immunity.
Port B GPIO — This GPIO pin can be individually programmed as an
input or output pin.
After reset, the default state is SCLK0.
Table 2-2 Signal and Package Information for the 48-Pin LQFP (Continued)
Signal Name
Pin No.
Type
State During
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com