Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F8322 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 136 page
background image
Interrupt Vector Table
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
33
Preliminary
Note: Program RAM is NOT available on the 56F8122 device.
4.3 Interrupt Vector Table
Table 4-3 provides the device’s reset and interrupt priority structure, including on-chip peripherals. The
table is organized with higher-priority vectors at the top and lower-priority interrupts lower in the table.
As indicated, the priority of an interrupt can be assigned to different levels, allowing some control over
interrupt priorities. All level 3 interrupts will be serviced before level 2, and so on. For a selected priority
level, the lowest vector number has the highest priority.
The location of the vector table is determined by the Vector Base Address (VBA). Please see
Section 5.6.11 for the reset value of the VBA.
In some configurations, the reset address and COP reset address will correspond to vector 0 and 1 of the
interrupt vector table. In these instances, the first two locations in the vector table must contain branch or
JMP instructions. All other entries must contain JSR instructions.
Note: PWM, CAN and Quadrature Decoder are NOT available on the 56F8122 device.
Table 4-2 Program Memory Map at Reset
Begin/End Address
Memory Allocation
P: $1F FFFF
P: $03 0000
RESERVED
P: $02 FFFF
P: $02 F800
On-Chip Program RAM
4KB
P: $02 F7FF
P: $02 1000
RESERVED
P: $02 0FFF
P: $02 0000
Boot Flash
8KB
Cop Reset Address = $02 0002
Boot Location = $02 0000
P: $01 FFFF
P: $00 4000
RESERVED
P: $00 3FFF
P: $00 0000
Internal Program Flash
32KB
Table 4-3 Interrupt Vector Table Contents1
Peripheral
Vector
Number
Priority
Level
Vector Base
Address +
Interrupt Function
Reserved for Reset Overlay2
Reserved for COP Reset Overlay2
core
2
3
P:$04
Illegal Instruction
core
3
3
P:$06
SW Interrupt 3
core
4
3
P:$08
HW Stack Overflow
core
5
3
P:$0A
Misaligned Long Word Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com