Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34717 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  34717 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Document Number: MC34717
Rev. 3.0, 5/2007
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
5.0 A 1.0 MHz Fully Integrated
Dual Switch-Mode Power
Supply
The 34717 is a highly integrated, space-efficient, low cost, dual
synchronous buck switching regulator with integrated N-channel
power MOSFETs. It is a high performance dual point-of-load (PoL)
power supply with many desired features for the 3.3 V and 5.0 V
environments.
Both channels can provide up to 5.0 A of continuous output current
capability with high efficiency and tight output regulation. The second
channel has the ability to track an external reference voltage in
different configurations.
The 34717 offers the designer the flexibility of many control,
supervisory, and protection functions to allow for easy implementation
of complex designs. It is housed in a Pb-Free, thermally enhanced,
and space efficient 26-Pin Exposed Pad QFN.
Features
•50 mΩ Integrated N-Channel Power MOSFETs
• Input Voltage Operating Range from 3.0 V to 6.0 V
•
±1 % Accurate Output Voltages, Ranging from 0.7 V to 3.6 V
• The Second Output Has Voltage Tracking Capability in Different
Configurations
• Programmable Switching Frequency Range from 200 kHz to
1.0 MHz
• Programmable Soft Start Timing
• Over Current Limit and Short Circuit Protection
• Thermal Shutdown
• Output Overvoltage and Undervoltage Detection
• Active Low Power Good Output Signal
• Active Low Shutdown Input
• Pb-Free Packaging Designated by Suffix Code EP.
Figure 1. 34717 Simplified Application Diagram
DUAL SWITCH-MODE POWER SUPPLY
EP SUFFIX (PB_FREE)
98ASA10728D
26-PIN QFN
34717
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC34717EP/R2
-40 to 85°C
26 QFN
VIN
PVIN1
3.0 V TO 6.0 V
BOOT1
SW1
INV1
COMP1
VOUT1
GND
VREFIN
VDDI
FREQ
PG
34717
VIN
VOUT1
PGND1
PVIN2
BOOT2
SW2
INV2
COMP2
VOUT2
PGND2
ILIM1
VMASTER
ILIM2
SD
MCU
VOUT2
VOUT1
VIN
Optional


Similar Part No. - 34717

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
3471 KEYSTONE-3471 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Motorola, Inc
34710 MOTOROLA-34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
Freescale Semiconductor...
34710 FREESCALE-34710 Datasheet
1Mb / 17P
Dual Output DC-DC & Linear Regulator IC
logo
ITT Industries
347100000 ITT-347100000 Datasheet
671Kb / 8P
Thumbwheel Switches
347100001 ITT-347100001 Datasheet
671Kb / 8P
Thumbwheel Switches
More results

Similar Description - 34717

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34713 FREESCALE-34713 Datasheet
510Kb / 21P
5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
34716 FREESCALE-34716 Datasheet
664Kb / 25P
1.0 MHz Dual Switch-Mode DDR Power Supply
MC34164-3 FREESCALE-MC34164-3 Datasheet
477Kb / 23P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34712 FREESCALE-MC34712 Datasheet
547Kb / 24P
3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
MC34713 FREESCALE-MC34713 Datasheet
587Kb / 23P
5.0 A 1.0 MHz Fully Integrated Single Switch-Mode Power Supply
MC34716 FREESCALE-MC34716 Datasheet
772Kb / 27P
1.0 MHz Dual Switch-Mode DDR Power Supply
MC34717 FREESCALE-MC34717 Datasheet
778Kb / 28P
5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
logo
NXP Semiconductors
KT34712UG NXP-KT34712UG Datasheet
2Mb / 16P
Using the 3.0 A 1.0 MHz Fully Integrated DDR Switch-Mode Power Supply
Rev. 4.0, 1/2009
KT34716UG NXP-KT34716UG Datasheet
1,005Kb / 17P
Using the 1.0 MHz Dual Switch-Mode DDR Power Supply
Rev. 3.0, 1/2009
KT34717UG NXP-KT34717UG Datasheet
1Mb / 20P
Using the 5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Power Supply
Rev. 3.0, 1/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com