Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

34717 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 34717
Description  5.0 A 1.0 MHz Fully Integrated Dual Switch-Mode Dual Switch-Mode Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34717 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  34717 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34717 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34717
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34717 Simplified Internal Block Diagram
SD
VIN
BOOT2
PVIN1
SW1
PGND1
COMP2
INV1
VOUT1
VDDI
ILIM1
FREQ
GND
VREFIN
BOOT1
PVIN2
SW2
PGND2
COMP1
INV2
VOUT2
System
Reset
Oscillator
Buck
Control
Logic
Current
Monitoring
System
Control
Thermal
Monitoring
Bandgap
Regulator
Internal
Voltage
Regulator
Gate
Driver
Gate
Driver
Ramp
Generator
Ramp
Generator
Discharge
VBG
M1
ISENSE1
ISENSE2
ILIM1
ILIM2
M6
M7
ISENSE
M4
M5
ISENSE
FSW
FSW
VIN
VIN
M3
Error
Amplifier
PWM
Comparator
Error
Amplifier
PWM
Comparator
VBG
M8
Discharge
M9
Discharge
FSW
Reference
Selection
VBG
M2
ILIM2
PG
CHANNEL 2
CHANNEL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com