Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMR30-DCV1-1-DC4-R-C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # DMR30-DCV1-1-DC4-R-C
Description  Precision DC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR30-DCV1-1-DC4-R-C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  DMR30-DCV1-1-DC4-R-C Datasheet HTML 1Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 2Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 6Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 7Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 8Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DMR30-DCV1 Series
Precision DC Voltmeter
DMR30-DCV1.A01 Page 2 of 11
www.murata-ps.com/support.html
MEASUREMENT PERFORMANCE
MIN.
TYP.
MAX.
UNITS
Measurement ranges
±200mVDC; ±2VDC; ±20VDC
Accuracy (Measured using 4 ½ digit display formats)
0.05
0.2
% Full-Scale
Temperature Stability
0.005
%Full-Scale/°C
Input Impedance
1
MΩ
Common Mode Rejection Ratio (DC)
100
dB
Absolute Maximum input voltage (+VIN to –VIN)
-40
+40
V
Absolute Maximum input voltage (either +VIN or –VIN to –VS)
-48
48
V
POWER SUPPLY CHARACTERISTICS.
Min.
Typ.
Max.
Units
Operating Supply Voltage;
9
32
VDC
Absolute Maximum Supply Voltage
-1
34
VDC
Operating Supply Current
12V operation
24V operation
-
40
25
-
mA
USER INTERFACE
Display Type and Size
5 Digit Alphanumeric LED, 11.4mm (0.45in) Height
4 LED Annunciators (‘Alarm’, ‘Max’, ‘Min’, ‘mV’)
User Controls
Four capacitive touch sensors
<UP> <DOWN> <LEFT> <RIGHT>
Display Modes
Normal, Max Voltage, Min Voltage
Over-range Indication
Flashing Value
Display Update Rate
2.5 updates/sec.
Decimal Point Selection
Automatically Set
Main Menu Password
<RIGHT> <UP> <RIGHT> <UP> <RIGHT>
RELAY OUTPUT
Min.
Typ.
Max.
Units
‘Off’-state voltage (measured across RELAYA to RELAYB) terminals
-40
+40
V
‘On’-state current
-250
+250
mA
‘On’ state resistance
1
Ω
TERMINAL BLOCKS (TB1, TB2, TB3)
Wire Size
14-24 AWG
Insulation Strip Length
6mm (0.24 in.)
Screw Tightening Torque
0.4 N-m (3.5 lb-in)
PHYSICAL/ENVIRONMENTAL
Min.
Typ.
Max.
Units
Operating Temperature
0
+50
⁰C
Storage Temperature
-40
+75
⁰C
Humidity (non-condensing)
0
85
%
Dimensions
See Mechanical Specifications Drawing
Weight (including mounting nut and gasket)
64g (2.2 oz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com