Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMR30-DCV1-1-DC4-R-C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # DMR30-DCV1-1-DC4-R-C
Description  Precision DC Voltmeter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

DMR30-DCV1-1-DC4-R-C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

Back Button DMR30-DCV1-1-DC4-R-C Datasheet HTML 3Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 4Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 5Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 6Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 7Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 8Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 9Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 10Page - Murata Power Solutions Inc. DMR30-DCV1-1-DC4-R-C Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DMR30-DCV1 Series
Precision DC Voltmeter
DMR30-DCV1.A01 Page 7 of 11
www.murata-ps.com/support.html
USING THE MENU
The Main Menu
The
DMR30-DCV1 has the following MAIN MENU configuration options:
•
RANGE – This submenu is used to select the meter’s measurement range. Available options may be scrolled through using the <UP>
and
<DOWN> buttons. When the desired Range setting is displayed, pressing the <RIGHT> button will update the Range option to the
displayed value and return to the main menu, while pressing the
<LEFT> button will return to the MAIN MENU without updating the value.
•
The
DMR30-DCV1 supports the following range options:
Menu Option Range
20V
+/-20 VDC input range
2V
+/- 2 VDC input range
200mV
+/-200 mV input range – ‘mV’ annunciator illuminated in this range
USING THE MENU
•
D FMT This submenu is used to select the number of digits used to display the measurement. The available options are 999, 9999, and
99999. The <UP> and <DOWN> buttons are used to scroll through these options. When the desired setting is displayed, pressing the
<RIGHT> button will update the D FMT option to the displayed value and return to the main menu, while pressing the <LEFT> button will
return to the main menu without updating the option value.
•
BRITE – This submenu is used to adjust the brightness of the meter’s display. By using the <UP> and <DOWN> buttons the display can
be adjusted from 20% to 100% intensity in 10% increments. To aid in selecting an appropriate brightness level, the meter’s brightness is
adjusted in real time as the various menu options are displayed. Once a desired brightness setting has been found, this option may be updated
by pressing the
<RIGHT> button, which updates the option value and returns to the main menu. Pressing the <LEFT> button will return to the
main menu with the brightness setting being unchanged.
•
FILT– This option selects the degree of digital filtering that is applied to the measured signal. The available options are (1) OFF - in
which no filtering is used, (2)
FAST – in which a small amount of filtering is applied to the signal, and (3) SLOW – in which a larger amount of
filtering is applied to the signal. The
<UP> and <DOWN> buttons are used to scroll through the filter options. Pressing the <RIGHT> button
will update the option to the displayed value and return to the main menu. Pressing the
<LEFT> button will return to the main menu without
updating the option.
•
ALARM – This submenu controls the operation of the alarm relay output. This submenu has three available options; (1) OFF, where the
alarm output is disabled and always off, (2)
HILIM, where the alarm relay is turned on when the measured voltage is greater than the alarm
set-point value, and (3)
LOLIM, where the alarm output is turned on when the measured voltage is less than the alarm set-point value. The
<UP> and <DOWN> buttons may be used to scroll through these options. To update the setting to the selected option and return to the MAIN
MENU, press the <RIGHT> button. To return to the MAIN MENU without updating the setting, press the <LEFT> button.
•
ASET – This submenu is a numeric entry field used to set the alarm set-point value. On entry to this submenu, the current value of the
alarm set-point is displayed and may be edited. Upon entering this option, the display will show the current alarm value, and set a blinking
cursor at the sign character. The <UP> and <DOWN> buttons are used to set the sign or to increment/decrement the currently selected digit.
The <RIGHT> button selects the next digit, or if at the rightmost digit, accepts the displayed value and returns to the MAIN MENU. The <LEFT>
button can be used to move the cursor left, or if the cursor is set to the sign position, exits the submenu without changing the current alarm
set-point value.
•
AHYST– This setting controls the alarm hysteresis value. When the alarm is set to HILIM mode, the hysteresis is subtracted from the
alarm set-point to get a ‘turn-off’ threshold below which the alarm relay is opened. Similarly (but opposite), when the alarm is set to LOLIM
mode, the hysteresis value is added to the set-point to provide a turn-off threshold above which the alarm relay is opened. The process for
setting the alarm hysteresis value is similar to setting the alarm set-point value, with the buttons providing identical functionality. Unlike
ASET
values, however,
AHYST values may only be set to values greater than or equal to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com