Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8313CVRAFF Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8313CVRAFF
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313CVRAFF Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8313CVRAFF Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8313CVRAFF Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
Freescale Semiconductor
75
Clocking
66.7
2
2
533.4
133.3
266.7
66.7 33.34 16.7
Note 1
133.3
200
267
333
400
Note:
Note 1: USB reference clock must be supplied from a separate source as it must be 12, 16 or 48 MHz, the USB reference must
be supplied from a separate external source using USB_CLK_IN. Note 2: When considering operating frequencies, the valid
system APLL VCO operating range of 400-800 MHz must not be violated.
Note 3: csb_clk frequencies of less than 133MHz will not support Gigabit Ethernet data rates.
1
System PLL Multiplication Factor
2
System PLL VCO Divider
3
Frequency of USB PLL Input reference
Table 61. System Clock Frequencies (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com