Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet(PDF) 1 Page - Turck, Inc.

Part # BIM-UNR-2AP6X-0.2-RSC4.4T
Description  Magnetic Field Sensor – For Pneumatic Cylinders
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet(HTML) 1 Page - Turck, Inc.

  BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet HTML 1Page - Turck, Inc. BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet HTML 2Page - Turck, Inc. BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
BIM-UNR-2AP6X-0.2-RSC4.4T
Magnetic Field Sensor – For Pneumatic Cylinders
Technical data
Type
BIM-UNR-2AP6X-0.2-RSC4.4T
ID
4685899
General data
 
Pass speed
≤ 3 m/s
Repeatability
≤ ± 0.1 mm
Temperature drift
≤ 0.3 mm
Hysteresis
≤ 1 mm
Electrical data
 
Operating voltage
11…30  VDC
Residual ripple
≤ 10 % U
ss
DC rated operational current
≤ 150 mA
No-load current
15  mA
Residual current
≤ 0.1 mA
Isolation test voltage
≤ 0.5 kV
Short-circuit protection
yes / Cyclic
Voltage drop at I
e
≤ 1.8 V
Wire breakage/Reverse polarity protection yes / Complete
Output function
4-wire, NO contact, PNP
Switching frequency
0.3 kHz
Mechanical data
 
Design
Rectangular, UNR
Dimensions
18 x 2.9 x 4.6  mm
Housing material
Plastic, PP
Active area material
Plastic, PP
Features
■For C-groove cylinders without mounting
accessories
■Optional accessories for mounting on other
cylindrical housings.
■One-hand mounting possible
■Stable mounting
■Magneto-resistive sensor
■DC 3-wire, 11…30 VDC
■NO contact, PNP output
■Pigtail with male end M12 x 1
Wiring diagram
Functional principle
Magnetic field sensors are activated by
magnetic fields and are used, in particular, for
the detection of the piston position in pneumatic
cylinders. As magnetic fields can permeate non-
magnetizable metals, they detect a permanent
magnet attached to the piston through the
aluminium cylinder wall.


Similar Part No. - BIM-UNR-2AP6X-0.2-RSC4.4T

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BIM-UNR-2AP6X-0.2-PSG4M TURCK-BIM-UNR-2AP6X-0.2-PSG4M Datasheet
377Kb / 3P
Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
More results

Similar Description - BIM-UNR-2AP6X-0.2-RSC4.4T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Pepperl+Fuchs Inc.
40FY28-33 PF-40FY28-33 Datasheet
231Kb / 2P
Magnetic field sensor
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
MB35-F12-1N PF-MB35-F12-1N Datasheet
436Kb / 3P
Magnetic field sensor
2022-03-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com