Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet(PDF) 3 Page - Turck, Inc.

Part # BIM-UNR-2AP6X-0.2-RSC4.4T
Description  Magnetic Field Sensor – For Pneumatic Cylinders
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet(HTML) 3 Page - Turck, Inc.

  BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet HTML 1Page - Turck, Inc. BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet HTML 2Page - Turck, Inc. BIM-UNR-2AP6X-0.2-RSC4.4T Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
3|3
Mounting instructions
Mounting instructions/Description
The sensor is mounted in the groove from
above. Mount the sensors as follows using the
patented wing screw: The wing screw features
a left-hand female thread. Two small plastic
lips keep the screw in position, ready-to-install.
Turn the screw clockwise. The screw moves
out of the thread and hits the upper grooves
with the wings. The sensor is thus pressed
down and locked. Use a 1.5 mm Allen key to
fasten the screw with a quarter turn. A fixing
torque of 0.2 Nm is sufficient for safe mounting
without damaging the cylinder. Cable clips are
included in the scope of delivery. They enable
smooth cable routing in the groove. Mounting
accessories for other cylinder sizes have to be
ordered separately.
Accessories
KLR2-UNR
100000596
Mounting bracket for mounting
magnetic field sensors on round
cylinders
ASB-4
6965104
Clip collar for mounting brackets
for magnetic field sensors on round
cylinders; cylinder diameter: 28…
39 mm; other lengths are available
under designations ASB-1 to ASB-9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com