Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5522JSVUZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 32Page - Analog Devices AD5522JSVUZ Datasheet HTML 33Page - Analog Devices AD5522JSVUZ Datasheet HTML 34Page - Analog Devices AD5522JSVUZ Datasheet HTML 35Page - Analog Devices AD5522JSVUZ Datasheet HTML 36Page - Analog Devices AD5522JSVUZ Datasheet HTML 37Page - Analog Devices AD5522JSVUZ Datasheet HTML 38Page - Analog Devices AD5522JSVUZ Datasheet HTML 39Page - Analog Devices AD5522JSVUZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD5522
Preliminary Technical Data
Rev. PrM | Page 36 of 48
DAC Addressing
For the FIN and Comparator (CPH & CPL) DACs, there are sets of x1, m and c registers for each current range and for the voltage range,
but only two sets for the Clamp function (CLL and CLH).
When calibrating the device, m and c registers allow volatile storage of offset and gain coefficients. Calculation of the corresponding DAC
x2 register only occurs when x1 data is loaded (no internal calculation occurs on m or c updates).
There is one Offset DAC per all four channels in the device, it is addressed through any PMU0-3 address. The Offset DAC only has an
input register associated with it; there are no m or c registers for this DAC. When writing to this DAC, set both Mode bits high to address
the DAC input register (x1).
This address table is also used for readback of a particular DAC address.
Table 21. DAC Register Addressing
Address bits A5 to A3 (DAC ADDRESS Register)
Register Set
000
001
010
011
100
101
110
111
MODE1
MODE0
0
1
RESERVED
1
0
RESERVED
000
±5µA I range
1
1
OFFSET DAC
FIN
RESERVED
RESERVED
CPL
CPH
RESERVED
RESERVED
001
±20µA I range
RESERVED
FIN
RESERVED
RESERVED
CPL
CPH
RESERVED
RESERVED
010
±200µA I range
RESERVED
FIN
RESERVED
RESERVED
CPL
CPH
RESERVED
RESERVED
011
±2mA I range
RESERVED
FIN
RESERVED
RESERVED
CPL
CPH
RESERVED
RESERVED
100
±external I range
RESERVED
FIN
CLL I1
CLH I1
CPL
CPH
RESERVED
RESERVED
101
Voltage range
RESERVED
FIN
CLL V2
CLH V2
CPL
CPH
RESERVED
RESERVED
110
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
A2 to A0
(REGISTER
ADDRESS)
111
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
1 CLL I = Clamp Level Low Current register. CLH I = Clamp Level High Current Register. When forcing a voltage, current clamps are engaged, so this register set will be
loaded to the Clamp DAC.
2 CLL V = Clamp Level Low Voltage register. CLH V = Clamp Level High Voltage Register. When forcing a current, voltage clamps are engaged, so this register set will be
loaded to the Clamp DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com