Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5522JSVUZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD5522JSVUZ
Description  Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5522JSVUZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5522JSVUZ Datasheet HTML 23Page - Analog Devices AD5522JSVUZ Datasheet HTML 24Page - Analog Devices AD5522JSVUZ Datasheet HTML 25Page - Analog Devices AD5522JSVUZ Datasheet HTML 26Page - Analog Devices AD5522JSVUZ Datasheet HTML 27Page - Analog Devices AD5522JSVUZ Datasheet HTML 28Page - Analog Devices AD5522JSVUZ Datasheet HTML 29Page - Analog Devices AD5522JSVUZ Datasheet HTML 30Page - Analog Devices AD5522JSVUZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Preliminary Technical Data
AD5522
Rev. PrM | Page 27 of 48
FORCE CURRENT, FI
In the force current mode, the voltage at FIN is now converted
to a current and applied to the DUT. The feedback path is now
the current measure amplifier, feeding back the voltage
measured across the sense resistor and MEASOUT reflects the
voltage measured across the DUT. See Figure 25.
For the suggested current ranges, the maximum voltage drop
across the sense resistors is ±1V, however, to allow for
correction of errors, there is some over range available in the
current ranges. The maximum full-scale voltage range that can
be loaded to the FIN DAC is ±11.5V; the forced current may be
calculated as follows:
Gain
RSENSE
VFIN
FI
×
=
Where:
FI = Forced Current
VFIN = Voltage of the FIN DAC, See VOUT for DAC levels.
RSENSE = Selected Sense Resistor
Gain of Current Measure Instrumentation amplifier, it may be
set (via the serial interface) to 5 or 10.
The ISENSE amplifier is biased by the Offset DAC output
voltage, in such as way as to center the Measure current output
irrespective of the voltage span used.
Using the 5kΩ sense resistor and ISENSE gain of 10, the
maximum current range possible is ±225μA. Similarly for the
other current ranges, there is an over range of 12.5% to allow for
correction.
DUTGND
MEASVH
DUT
Rsense
up to
(64mA)
EXTMEASIH
EXTMEASIL
FOH
EXTFOH
CFF
FIN
+
-
MEASOUT
INTERNAL RANGE SELECT
(5uA, 20uA, 200uA, 2mA)
Rsense
DAC
x1/x0.2
-
-
-
-
-
-
+
+
+
+
+
+
x5 or x10
x1
AGND
10k
Ω
OFFSET DAC
BIAS TO
CENTER
IRANGE
Figure 25. .Forcing current, measuring voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com