Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/333AFZ Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AMD-K6-2E/333AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AFZ Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AFZ Datasheet HTML 40Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 41Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 42Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 43Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 44Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 45Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 46Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 47Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 332 page
background image
26
Software Environment
Chapter 3
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Segment Registers
The six 16-bit segment registers are used as pointers to areas
(segments) of memory. Table 4 lists the segment registers and
their functions. Figure 9 shows the format for all six segment
registers.
Figure 9. Segment Register
Segment Usage
The operating system determines the type of memory model
that is implemented. The segment register usage is determined
by the operating system’s memory model. In a real mode
memory model, the segment register points to the base address
in memory.
In a protected mode memory model, the segment register is
called a selector and it selects a segment descriptor in a
descriptor table. This descriptor contains a pointer to the base
of the segment, the limit of the segment, and various protection
attributes. For more information on descriptor formats, see
“Descriptors and Gates” on page 52. Figure 10 on page 27 shows
segment usage for real mode and protected mode memory
models.
Table 4. Segment Registers
Segment
Register
Segment Register Function
CS
Code segment, where instructions are located
DS
Data segment, where data is located
ES
Data segment, where data is located
FS
Data segment, where data is located
GS
Data segment, where data is located
SS
Stack segment
0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com