Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMD-K6-2E/333AFZ Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AMD-K6-2E/333AFZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/333AFZ Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AMD-K6-2E/333AFZ Datasheet HTML 63Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 64Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 65Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 66Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 67Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 68Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 69Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 70Page - Advanced Micro Devices AMD-K6-2E/333AFZ Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 332 page
background image
Chapter 3
Software Environment
49
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
3.4
Paging
The AMD-K6-2E processor can physically address up to four
Gbytes of memory. This memory can be segmented into pages.
The size of these pages is determined by the operating system
design and the values set up in the page directory entries (PDE)
and page table entries (PTE).
The processor can access both 4-Kbyte pages and 4-Mbyte
pages, and the page sizes can be intermixed within a page
directory. When the page size extension (PSE) bit in CR4 is set,
the processor translates linear addresses using either the
4-Kbyte translation lookaside buffer (TLB) or the 4-Mbyte TLB,
depending on the state of the page size (PS) bit in the page
directory entry. Figures 42 and 43 show how 4-Kbyte and
4-Mbyte page translations work.
Figure 42. 4-Kbyte Paging Mechanism
Linear Address
Page
Directory
Page
Table
4-Kbyte
Page
Frame
CR3
0
11
12
21
31
22
Page Directory
Offset
Page Table
Offset
Page
Offset
PDE
PTE
Physical
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com