Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATGG Datasheet(PDF) 2 Page - Yuechung International Corp.

Part # ATGG
Description  GPS & GLONASS External Active Antennas
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ATGG Datasheet(HTML) 2 Page - Yuechung International Corp.

  ATGG Datasheet HTML 1Page - Yuechung International Corp. ATGG Datasheet HTML 2Page - Yuechung International Corp. ATGG Datasheet HTML 3Page - Yuechung International Corp. ATGG Datasheet HTML 4Page - Yuechung International Corp. ATGG Datasheet HTML 5Page - Yuechung International Corp. ATGG Datasheet HTML 6Page - Yuechung International Corp. ATGG Datasheet HTML 7Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Yuechung International Corp. (YIC)
2
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
ATGG Series
3. Electrical Characteristics
Antenna
1
Antenna model
2540A(25mm*25mm*4mm)
2
Frequency Range
GPS : 1575.42MHz±1.023MHz
GLONASS : 1609.3 MHz±5MHz
3
V.S.W.R
2.0 MAX
4
Band With@10dB
GPS : 5MHz MIN
GLONASS : 10MHz MIN
5
Gain
GPS : 3.0 dB typ @70mm*70mm groundplane
GLONASS :4.0 dB typ @70mm*70mm
groundplane
6
Impendence
50Ω
7
Polarization
RHCP
LNA
1
Frequency Range
GPS : 1575.42MHz±1.023MHz
GLONASS : 1609.3 MHz±5MHz
2
DC Voltage
2.8 ~ 5.0V
3
DC current
12±2mA(@3.0V)
4
Gain
GPS: 28±3dB(without cable @25℃±10℃)
GLONASS: 28±3dB(without cable @25℃±10℃)
5
Output VSWR
2.0 MAX
6
Noise Figure
2.2 MAX
4.
Material
No
Part Name
SPEC
1
Patch Antenna
Dielectric Ceramics
2
Shielding
Tinplate
3
PCB
FR4
4
Sheathing
ABS (black)
42.6mm×36.4mm×13.5mm
5
RF Cable
RG174
L=3M
6
RF Connector
SMA-MALE (Optional)
7
Adhesive
3M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com