Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATGG Datasheet(PDF) 3 Page - Yuechung International Corp.

Part # ATGG
Description  GPS & GLONASS External Active Antennas
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.

ATGG Datasheet(HTML) 3 Page - Yuechung International Corp.

  ATGG Datasheet HTML 1Page - Yuechung International Corp. ATGG Datasheet HTML 2Page - Yuechung International Corp. ATGG Datasheet HTML 3Page - Yuechung International Corp. ATGG Datasheet HTML 4Page - Yuechung International Corp. ATGG Datasheet HTML 5Page - Yuechung International Corp. ATGG Datasheet HTML 6Page - Yuechung International Corp. ATGG Datasheet HTML 7Page - Yuechung International Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Yuechung International Corp. (YIC)
3
URL: www.yic.com.tw
E-mail: service@yic.com.tw
Y
YI
IC
C
ATGG Series
5. Environment Condition
 
1
Working Temp
-40℃~+85℃, 10%~95% RH
2
Storage Temp
-55℃~+100℃, 10%~95% RH
3
Vibration
Sine sweep @1.5mmAM
10~55Hz each Axis
4
Waterproof
IP67
6.
Testing Curve
6.1 Patch Simth & VSWR
6.2 Noise Figure



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com