Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3197 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3197
Description  6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3197 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3197 Datasheet HTML 9Page - Analog Devices ADP3197 Datasheet HTML 10Page - Analog Devices ADP3197 Datasheet HTML 11Page - Analog Devices ADP3197 Datasheet HTML 12Page - Analog Devices ADP3197 Datasheet HTML 13Page - Analog Devices ADP3197 Datasheet HTML 14Page - Analog Devices ADP3197 Datasheet HTML 15Page - Analog Devices ADP3197 Datasheet HTML 16Page - Analog Devices ADP3197 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP3197
Rev. 0 | Page 13 of 32
CURRENT LIMIT, SHORT-CIRCUIT, AND LATCH-
OFF PROTECTION
The ADP3197 compares a programmable current limit setpoint
to the voltage from the output of the current sense amplifier.
The level of current limit is set with the resistor from the ILIMIT
pin to ground. During operation, the current from ILIMIT is
equal to 2/3 IREF, giving 10 μA normally.
This current, through the external resistor, sets the ILIMIT
voltage, which is internally scaled to give a current limit threshold
of 82.6 mV/V. If the difference in voltage between CSREF and
CSCOMP rises above the current limit threshold, the internal
current limit amplifier controls the internal COMP voltage to
maintain the average output current at the limit.
If the limit is reached and TD3 has completed, a latch-off delay
time starts and the controller shuts down if the fault is not removed.
The current limit delay time shares the DELAY pin timing
capacitor with the start-up sequence timing. However, during
current limit, the DELAY pin current is reduced to IREF/4.
A comparator monitors the DELAY voltage and shuts off the
controller when the voltage reaches 1.7 V. The current limit latch-
off delay time is, therefore, set by the current of IREF/4, charging
the delay capacitor from 0 V to 1.7 V. This delay is four times
longer than the delay time during the start-up sequence. The
current limit delay time starts only after TD3 has completed.
If there is a current limit during startup, the ADP3197 goes
through TD1 to TD3 and then starts the latch-off time. Because
the controller continues to cycle the phases during the latch-off
delay time, if the short is removed before the 1.7 V threshold is
reached, the controller returns to normal operation and the DELAY
capacitor is reset to GND.
The latch-off function can be reset either by removing and
reapplying the supply voltage to the ADP3197 or by toggling the
EN pin low for a short time. To disable the short-circuit latch-
off function, an external resistor should be placed in parallel
with CDLY.
This prevents the DELAY capacitor from charging up to the 1.7 V
threshold. The addition of this resistor causes a slight increase
in the delay times.
During startup, when the output voltage is below 200 mV,
a secondary current limit is active. This is necessary because
the voltage swing of CSCOMP cannot go below ground. This
secondary current limit controls the internal COMP voltage to
the PWM comparators to 1.5 V. This limits the voltage drop
across the low-side MOSFETs through the current balance
circuitry.
An inherent per phase current limit protects individual phases
if one or more phases stop functioning because of a faulty
component. This limit is based on the maximum normal mode
COMP voltage. Typical overcurrent latch-off waveforms are
shown in Figure 9.
CH1 1.00V
CH2 2.00V
CH3 5.00V
CH4 10.0V
M2.00ms
A CH1
660mV
1
3
2
4
T
Figure 9. Overcurrent Latch-Off Waveforms
Channel 1: CSREF, Channel 2: DELAY,
Channel 3: COMP, Channel 4: Phase 1 Switch Node
DYNAMIC VID
The ADP3197 has the ability to respond to dynamically
changing VID inputs while the controller is running. This
allows the output voltage to change while the supply is running
and supplying current to the load. This is commonly referred to
as VID on-the-fly (OTF). A VID OTF can occur under either
light or heavy load conditions. The processor signals the controller
by changing the VID inputs in multiple steps from the start
code to the finish code. This change can be positive or negative.
When a VID input changes state, the ADP3197 detects the
change and ignores the DAC inputs for a minimum of 400 ns.
This time prevents a false code due to logic skew while the six
VID inputs are changing. Additionally, the first VID change
initiates the power-good and crowbar blanking functions for
a minimum of 250 μs to prevent a false power-good or crowbar
event. Each VID change resets the internal timer.
POWER-GOOD MONITORING
The power-good comparator monitors the output voltage via
the CSREF pin. The PWRGD pin is an open-drain output whose
high level (when connected to a pull-up resistor) indicates that
the output voltage is within the nominal limits defined in the
Power-Good Comparator section of the Specifications table,
based on the VID voltage setting. PWRGD goes low if the
output voltage is outside of this specified range.
The PWRGD circuitry also incorporates an initial turn-on
delay time (TD3) based on the DELAY timer. Prior to the SS
voltage reaching the programmed VID DAC voltage and the
PWRGD masking time finishing, the PWRGD pin is held low.
Once the SS pin is within 50 mV of the programmed DAC
voltage, the capacitor on the DELAY pin begins to charge up. A
comparator monitors the DELAY voltage and enables PWRGD
when the voltage reaches 1.7 V. The PWRGD delay time is,
therefore, set by a current of IREF charging a capacitor from 0
V to 1.7 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com