Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP16-CBRE-RGB-TLR Datasheet(PDF) 1 Page - Apex Electronics Co., Ltd

Part # MP16-CBRE-RGB-TLR
Description  Metal pushbutton switch, 1M cycles, IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP16-CBRE-RGB-TLR Datasheet(HTML) 1 Page - Apex Electronics Co., Ltd

  MP16-CBRE-RGB-TLR Datasheet HTML 1Page - Apex Electronics Co., Ltd MP16-CBRE-RGB-TLR Datasheet HTML 2Page - Apex Electronics Co., Ltd MP16-CBRE-RGB-TLR Datasheet HTML 3Page - Apex Electronics Co., Ltd MP16-CBRE-RGB-TLR Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
01
MP16 Series
Metal pushbutton switch, 1M cycles, IP67
MP16
SPECIFICATIONS
RATING : 2A/36VDC
ELECTRICAL LIFE : 200,000 make-and-break cycles at full load
MECHANICAL LIFE : 1,000,000 cycles
INSULATION RESISTANCE :
DIELECTRIC STRENGTH : 2,000V RMS @ sea level
CONTACT RESISTANCE :
OPERATION TEMPERATURE : -20°C~+70°C
TRAVEL: About 2.0±0.20mm
OPERATION PRESSURE :
INGRESS PROTECTION : IP67
TORQUE :
.
cm
THICKNESS :
Current limiting resistor is required to limit LED forward current
to 20mA.
HOW TO ORDER
BODY
TYPE
LED
COLOR
TYPE
LIGHT
TYPE
LED
VOLTAGE
SHAPE
Accessories
Resistance
0 Without Resistance
3V
*
Red/Yellow led type only
6V
12V
24V
※
ohms value of resistance
Button type
R Round
E
P
V
R
Body type
CA
CB
AL alloy
AL alloy
MP16
BODY
TYPE
LIGHT
TYPE
Button and
HE
FP
FE
Body type
A1
A2
A3
0
1
3
6
7
Red
Without LED
White
Green
Blue
Yellow
COLOR
ITEM NO
LED color
R Gold flash
J
T1
Solder terminal
Terminal shape
MATERIALS
BUSHING : Aluminum alloy / Stanless Steel
BASE :
ACTUATOR :
CAP :Aluminum alloy / Stanless Steel
SPRING : Steel.
SEALING : Sillicone
.
O-Ring : Sillicone
.
TERMINAL : Brass ,Gold plated.
CONTACT : Silver alloy.
HEX NUT : Brass (
EXAMPLE:
MP16-CARE-
-JR- V
LED color
DUAL COLOR LED
Red&Green
A
RGB COLOR LED
RGB
RGB
MP16-CARE-0-JR-0 (Without LED)


Similar Part No. - MP16-CBRE-RGB-TLR

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP160 CTS-MP160 Datasheet
133Kb / 5P
Quartz Crystal
logo
Multicomp Pro
MP1600 MULTICOMP-MP1600 Datasheet
983Kb / 3P
19Instrument Control KnobsNewark.
09/09/22 V1.1
logo
M-System Co.,Ltd.
MP1600-1623 MSYSTEM-MP1600-1623 Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1600-A1-FH MSYSTEM-MP1600-A1-FH Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1600-A1-FR MSYSTEM-MP1600-A1-FR Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
More results

Similar Description - MP16-CBRE-RGB-TLR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
GREATECS
PB72 GREATECS-PB72 Datasheet
391Kb / 5P
Illuminated Pushbutton Switches IP40/IP65/IP67
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
logo
PowerDynamics, Inc
PD-ST1210-P2 POWERDYNAMICS-PD-ST1210-P2 Datasheet
200Kb / 1P
METAL IP67 WATERPROOF MALE CABLE
PD-ST1210-S2 POWERDYNAMICS-PD-ST1210-S2 Datasheet
199Kb / 1P
METAL IP67 WATERPROOF FEMALE CABLE
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com