Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP16-CBRE-RGB-TLR Datasheet(PDF) 4 Page - Apex Electronics Co., Ltd

Part # MP16-CBRE-RGB-TLR
Description  Metal pushbutton switch, 1M cycles, IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd

MP16-CBRE-RGB-TLR Datasheet(HTML) 4 Page - Apex Electronics Co., Ltd

  MP16-CBRE-RGB-TLR Datasheet HTML 1Page - Apex Electronics Co., Ltd MP16-CBRE-RGB-TLR Datasheet HTML 2Page - Apex Electronics Co., Ltd MP16-CBRE-RGB-TLR Datasheet HTML 3Page - Apex Electronics Co., Ltd MP16-CBRE-RGB-TLR Datasheet HTML 4Page - Apex Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2018 APEX Electronics Ltd. All rights reserved.
www.apex-electronics.com
04
MP16 Series
Metal pushbutton switch, 1M cycles, IP67
ACTUATOR
1
2
ILLUMINATED RING
Part No. Shown : MP16-CARE-RGB-JR-0V
DIMENSION
E Ring
M16x1.0
Ø
0.73
Ø
18.50
Ø
0.47
Ø
11.90
Ø
0.41
Ø
10.50
0.79
20.00
0.09
2.20
0.54
13.80
0.16
4.00
0.02
0.50
0.11
2.74
0.37
9.40
0.18
4.70
0.08
2.00
EPOXY×4
(R) LED–
(B) LED–
(G) LED–
LED+
0.583
14.80 +0
-0.10
+0
-0.004
19.7±0.39
500±10
AWG20-Black for terminal 1
AWG20-Black for terminal 2
AWG20-Red for LED(+)
AWG20-Green for LED(–)
EPOXYx4
Heat shrink tube
※
Wire=Multi-wire lead AWG20,section 0.6mm2,UL approved (Black / Red / Green)
T1
LED(+)
Resistor
Wire
Heat shrink tube
Resistor combination
PANEL CUTOUT / HARDWARE
HARDWARE
0.11
2.9
0.75
19.0
Ø
0.50
Ø
12.85
Ø
0.04
Ø
1.00
O-RING
M16 NUT
0.584 +0.008
0.000
14.83 +0.20
0.00
Ø
0.630+0.008
0.000
Ø
16.00+0.20
0.00
PANEL CUTOUT
Ø
0.630+0.008
0.000
Ø
16.00+0.20
0.00
0.606 +0.008
0.000
15.40 +0.20
0.00
Ø
0.630+0.008
0.000
Ø
16.00+0.20
0.00
CA/CB/A1 Type
A3 Type
A2 Type



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com