Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE4D20120G Datasheet(PDF) 2 Page - Analog Power

Part # ADE4D20120G
Description  1200-V Direct WBG Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

ADE4D20120G Datasheet(HTML) 2 Page - Analog Power

  ADE4D20120G Datasheet HTML 1Page - Analog Power ADE4D20120G Datasheet HTML 2Page - Analog Power ADE4D20120G Datasheet HTML 3Page - Analog Power ADE4D20120G Datasheet HTML 4Page - Analog Power ADE4D20120G Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
ADE4D20120G
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
IF = 20 A
1.85
IF = 20 A, TJ = 150°C
1.92
Repetitive Peak Reverse Voltage
VRRM
TJ = -40°C to 150°C
1200
V
VR = 1200 V
10
uA
VR = 1200 V, TJ = 120°C
60
uA
Reverse Recovery Time
Trr
84
ns
Reverse Recovery Charge
Qrr
213
nC
Peak Recovery Current
IRRM
4.3
A
Reverse Recovery Time
Trr
82
ns
Reverse Recovery Charge
Qrr
197
nC
Peak Recovery Current
IRRM
3.9
A
Reverse Recovery Time
Trr
47
ns
Reverse Recovery Charge
Qrr
482
nC
Peak Recovery Current
IRRM
17.9
A
Reverse Recovery Time
Trr
45
ns
Reverse Recovery Charge
Qrr
435
nC
Peak Recovery Current
IRRM
15.9
A
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Reverse Leakage Current
IR
IF = 20 A, dI/dt = 100 A/us,
TJ = 25°C
IF = 20 A, dI/dt = 100 A/us,
TJ = 150°C
IF = 20 A, dI/dt = 500 A/us,
TJ = 25°C
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation or
guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or use of any
product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical”
parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and actual performance may vary
over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. APL does not
convey any license under its patent rights nor the rights of others. APL products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure
of the APL product could create a situation where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended
or unauthorized application, Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all
claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Static
Electrical Characteristics
Forward Voltage
a
VF
V
pF
IF = 20 A, dI/dt = 500 A/us,
TJ = 150°C
Dynamic
b
CJ
VR = 200 V, Vsine = 0.6 Veff,
f = 100 kHz
12
Junction Capacitance
© Preliminary
2
Publication Order Number:
DS_ADE4D20120G_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com