Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE4D20120G Datasheet(PDF) 3 Page - Analog Power

Part # ADE4D20120G
Description  1200-V Direct WBG Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

ADE4D20120G Datasheet(HTML) 3 Page - Analog Power

  ADE4D20120G Datasheet HTML 1Page - Analog Power ADE4D20120G Datasheet HTML 2Page - Analog Power ADE4D20120G Datasheet HTML 3Page - Analog Power ADE4D20120G Datasheet HTML 4Page - Analog Power ADE4D20120G Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
ADE4D20120G
1. Forward Characteristics
2. Reverse Characteristics
3. Current Derating
4. Power Derating
5. Junction Capacitance vs. Reverse Voltage
6. Total Capacitance Charge vs. Reverse Voltage
Typical Electrical Characteristics
0
5
10
15
20
0
1
2
3
V
F - Forward Voltage (V)
150
°C
0
50
100
150
200
250
300
0
400
800
1200
1600
V
R - Reverse Voltage (V)
25
°C
150
°C
25
°C
0
5
10
15
20
25
25
50
75
100
125
150
175
T
C - Temperature (°C)
0
20
40
60
80
100
120
25
50
75
100
125
150
175
T
C - Temperature (°C)
0
20
40
60
80
0
200
400
600
800
1000
1200
V
R - Reverse Voltage (V)
0
2
4
6
8
10
12
14
0
200
400
600
800
1000
1200
V
R - Reverse Voltage (V)
© Preliminary
3
Publication Order Number:
DS_ADE4D20120G_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com