Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3D08065L Datasheet(PDF) 3 Page - SMC Diode Solutions Co. LTD

Part # S3D08065L
Description  650V SIC POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065L Datasheet(HTML) 3 Page - SMC Diode Solutions Co. LTD

  S3D08065L Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Technical Data
Data Sheet N2416, REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065L
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging
specification.
Marking Diagram
Ordering Information
Device
Package
Shipping
S3D08065L
DFN 8*8
3000/Reel
S3D08065LTR
DFN 8*8
3000/Reel
Ratings and Characteristics Curves
Where XXXXX is YYWWL
S3D
= Device Type
L
= Package type
08
= Forward Current (8A)
065
= Reverse Voltage (650V)
SSG
= SSG
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0
Fig.2-Typical Reverse Characteristics
Fig.1-Typical Forward Voltage Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com