Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S3D08065L Datasheet(PDF) 6 Page - SMC Diode Solutions Co. LTD

Part # S3D08065L
Description  650V SIC POWER SCHOTTKY RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

S3D08065L Datasheet(HTML) 6 Page - SMC Diode Solutions Co. LTD

  S3D08065L Datasheet HTML 1Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 2Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 3Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 4Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 5Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 6Page - SMC Diode Solutions Co. LTD S3D08065L Datasheet HTML 7Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Technical Data
Data Sheet N2416, REV.-
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
S3D08065L
Mechanical Dimensions DFN8*8
SYMBOL
Millimeters
Min.
Max.
A
0.800
0.900
A1
-
0.050
A3
0.195
0.211
D
7.900
8.100
E
7.900
8.100
e
2.00 BSC
b
0.950
1.050
D2
7.100
7.300
E2
4.250
4.450
L
0.400
0.600
K
2.650
2.850



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com