Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F800DB55N6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # M29F800DB55N6F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M29F800DB55N6F Datasheet HTML 22Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 23Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 24Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 25Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 26Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 27Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 28Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 29Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Maximum rating
M29F800DT
26/53
6
Maximum rating
Stressing the device above the rating listed in the Absolute Maximum Ratings" table may
cause permanent damage to the device. Exposure to Absolute Maximum Rating conditions
for extended periods may affect device reliability. These are stress ratings only and
operation of the device at these or any other conditions above those indicated in the
Operating sections of this specification is not implied. Refer also to the STMicroelectronics
SURE Program and other relevant quality documents.
Table 8.
Absolute maximum ratings
Symbol
Parameter
Min
Max
Unit
TBIAS
Temperature under bias
–50
125
°C
TSTG
Storage temperature
–65
150
°C
VIO
Input or Output voltage(1)(2)
1.
Minimum voltage may undershoot to –2V during transition and for less than 20ns during transitions.
2.
Maximum voltage may overshoot to VCC +2V during transition and for less than 20ns during transitions.
–0.6
VCC +0.6
V
VCC
Supply voltage
–0.6
6
V
VID
Identification voltage
–0.6
13.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com