Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29F800DB55N6F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29F800DB55N6F
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55N6F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29F800DB55N6F Datasheet HTML 23Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 24Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 25Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 26Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 27Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 28Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 29Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 30Page - STMicroelectronics M29F800DB55N6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
M29F800DT
DC and AC parameters
27/53
7
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 9: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 8.
AC measurement I/O waveform
Table 9.
Operating and AC measurement conditions
Parameter
M29F800D
Unit
55
70/ 90
Min
Max
Min
Max
VCC Supply voltage
4.5
5.5
4.5
5.5
V
Ambient Operating Temperature (range 1)
0
70
0
70
°C
Ambient Operating Temperature (range 6)
–40
85
–40
85
°C
Load capacitance (CL)
30
100
pF
Input Rise and Fall times
10
10
ns
Input Pulse voltages
0 to 3
0.45 to 2.4
V
Input and Output Timing Ref. voltages
1.5
0.8 and 2.0
V
AI05276
3V
High Speed (55ns)
0V
1.5V
2.4V
Standard (70, 90ns)
0.45V
2.0V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com