Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PHN405 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PHN405
Description  4 N-channel 60 mohm FET array enhancement mode MOS transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PHN405 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PHN405 Datasheet HTML 4Page - NXP Semiconductors PHN405 Datasheet HTML 5Page - NXP Semiconductors PHN405 Datasheet HTML 6Page - NXP Semiconductors PHN405 Datasheet HTML 7Page - NXP Semiconductors PHN405 Datasheet HTML 8Page - NXP Semiconductors PHN405 Datasheet HTML 9Page - NXP Semiconductors PHN405 Datasheet HTML 10Page - NXP Semiconductors PHN405 Datasheet HTML 11Page - NXP Semiconductors PHN405 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1998 Mar 17
8
Philips Semiconductors
Product specification
4 N-channel 60 m
Ω FET array
enhancement mode MOS transistors
PHN405
Fig.10 Source current as a function of source-drain
diode forward voltage; typical values.
tp = 300 µs; δ =0.
(1) Tamb = 150 °C.
(2) Tamb =25 °C.
(3) Tamb = −65 °C.
handbook, halfpage
0
(1)
(2)
(3)
0.4
IS
(A)
VSD (V)
0.8
1.2
8
6
2
0
4
MDA800
Fig.11 Drain-source on-state resistance as a function
of gate-source voltage; typical values.
Tamb =25 °C; tp = 300 µs; δ =0.
(1) ID = 0.25 A.
(2) ID = 0.5 A.
(3) ID =1A.
(4) ID =2A.
(5) ID =4A.
(6) ID =8A.
(7) ID =10A.
(8) ID =13A.
(9) ID =16A.
handbook, halfpage
10
0
(1)
(3)
(8)
24
VGS (V)
RDSon
(
Ω)
68
10
1
10−1
10−2
MDA801
(2)
(4)(5)(6)(7)
(9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com