Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF1570T1 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF1570T1
Description  RF Power Field Effect Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1570T1 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF1570T1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MRF1570T1 MRF1570FT1
7
RF Device Data
Freescale Semiconductor
Figure 12. 400 - 470 MHz Broadband Test Circuit Component Layout
C11
B1
C12 C13 C14
C1
C2
C3
C4
C9
C15
C5
C6
R3
R4
R1
R2
C17
B2
C18 C19 C20
L5
L6
C37
C21
C22
C42
C26
C25
C23
C24
L1
L2
C27
C28
L3
L4
C29
C30
C32
C33
C38
B5
B6
B3
B4
C35 C36
C34
C40 C41
C39
VDD
GND
VGG
GND
C10
C16
C7
C8
C31
MRF1570T1
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.
TYPICAL CHARACTERISTICS, 400 - 470 MHz
0
100
0
400 MHz
Pin, INPUT POWER (WATTS)
Figure 13. Output Power versus Input Power
VDD = 12.5 Vdc
80
60
40
20
123
4
56
7
8
440 MHz
470 MHz
80
−20
0
0
Pout, OUTPUT POWER (WATTS)
Figure 14. Input Return Loss versus Output Power
−5
−10
−15
10
20
30
40
50
60
70
400 MHz
VDD = 12.5 Vdc
440 MHz
470 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com