Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MRF1570T1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF1570T1
Description  RF Power Field Effect Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF1570T1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF1570T1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF1570T1 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
RF Device Data
Freescale Semiconductor
MRF1570T1 MRF1570FT1
TYPICAL CHARACTERISTICS, 400 - 470 MHz
80
5
17
0
Pout, OUTPUT POWER (WATTS)
Figure 15. Gain versus Output Power
400 MHz
VDD = 12.5 Vdc
440 MHz
470 MHz
15
13
11
9
7
10
20
30
40
50
60
70
80
0
70
0
Pout, OUTPUT POWER (WATTS)
Figure 16. Drain Efficiency versus Output Power
60
50
40
30
20
10
10
20
30
40
50
60
70
400 MHz
VDD = 12.5 Vdc
440 MHz
470 MHz
1600
50
90
400
IDQ, BIASING CURRENT (mA)
Figure 17. Output Power versus Biasing Current
VDD = 12.5 Vdc
Pin = 38 dBm
400 MHz
440 MHz
470 MHz
80
70
60
600
800
1000
1200
1400
0
100
Figure 18. Drain Efficiency versus Biasing Current
VDD = 12.5 Vdc
Pin = 38 dBm
400 MHz
440 MHz
470 MHz
1600
400
IDQ, BIASING CURRENT (mA)
600
800
1000
1200
1400
80
60
40
20
40
100
10
VDD, SUPPLY VOLTAGE (VOLTS)
Figure 19. Output Power versus Supply Voltage
Pin = 38 dBm
IDQ = 800 mA
400 MHz
440 MHz
470 MHz
90
80
70
60
50
11
12
13
14
15
Figure 20. Drain Efficiency versus Supply Voltage
0
100
10
VDD, SUPPLY VOLTAGE (VOLTS)
Pin = 38 dBm
IDQ = 800 mA
400 MHz
440 MHz
470 MHz
80
40
60
20
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com