Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56F802 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # DSP56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56F802 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button DSP56F802 Datasheet HTML 20Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 21Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 22Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 23Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 24Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 25Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 26Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 27Page - Freescale Semiconductor, Inc DSP56F802 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
56F802 Technical Data, Rev. 9
24
Freescale Semiconductor
Figure 3-8 Typical Relaxation Oscillator Frequency vs. Trim Value @ 25oC
3.5.2
Phase Locked Loop Timing
Table 3-9 PLL Timing
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency for the PLL1
1. An externally supplied reference clock should be as free as possible from any phase jitter for the PLL to work
correctly. The PLL is optimized for 8MHz input crystal.
2. ZCLK may not exceed 80MHz. For additional information on ZCLK and fout/2, please refer to the OCCS chapter in the
User Manual. ZCLK = fop
3.
Will not exceed 60MHz for the DSP56F802TA60 device.
4. This is the minimum time required after the PLL setup is changed to ensure reliable operation.
fosc
4
8
10
MHz
PLL output frequency2
fout/2
40
—
803
MHz
PLL stabilization time4 0o to +85oC
tplls
—
10
—
ms
PLL stabilization time4 -40o to 0oC
tplls
—
100
200
ms
0
10 20 30 4050 60 7080 90 A0 B0 C0 D0 E0 F0
5
6
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com