Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

56F802 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 56F802
Description  16-bit Digital Signal Controllers
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F802 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 56F802 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F802 Datasheet HTML 40Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
56F802 Technical Data, Rev. 9
36
Freescale Semiconductor
•
Ensure that capacitor leads and associated printed circuit traces that connect to the chip VDD and VSS (GND)
pins are less than 0.5 inch per capacitor lead.
•
Bypass the VDD and VSS layers of the PCB with approximately 100 μF, preferably with ceramic or tantalum
capacitors which tend to provide better performance tolerances.
•
Because the controller’s output signals have fast rise and fall times, PCB trace lengths should be minimal.
•
Consider all device loads as well as parasitic capacitance due to PCB traces when calculating capacitance.
This is especially critical in systems with higher capacitive loads that could create higher transient currents
in the VDD and GND circuits.
•
Take special care to minimize noise levels on the VREF, VDDA and VSSA pins.
•
Designs that utilize the TRST pin for JTAG port or OnCE module functionality (such as development or
debugging systems) should allow a means to assert TRST whenever RESET is asserted, as well as a means
to assert TRST independently of RESET. TRST must be asserted at power up for proper operation. Designs
that do not require debugging functionality, such as consumer products, TRST should be tied low.
•
Because the Flash memory is programmed through the JTAG/OnCE port, designers should provide an
interface to this port to allow in-circuit Flash programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com